Part Number Hot Search : 
TA0426A 45020 61000 45020 PE966 BTA16 C3220 1N758A
Product Description
Full Text Search
 

To Download SD-80SN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page. ????????? ?????????????????? cui .com 09/01/2015 1 of 4 series: sd-xxsn description: standard din connector features ? panel mount ? vertical ? shielded rohs sd - xx sn base number part number key specifications parameter conditions/description min typ max units rated input voltage 100 12 vac vdc rated input current at 100 vac at 12 vdc 1 2 a a contact resistance 30 m? insulation resistance at 500 vdc 100 m? voltage withstand for 1 minute 1,000 vac insertion force sd-40sn all other models 6.5 4 kg kg withdrawal force sd-40sn all other models 1 1 5 3.5 kg kg operating temperature 5 70 c life 5,000 cycles fammability rating ul94v-0 rohs 2011/65/eu pin options 30 = 3 pins 40 = 4 pins 50 = 5 pins 60 = 6 pins 70 = 7 pins 80 = 8 pins date page
for more information, please visit the product page. ?????????????????? cui .com cui inc series: sd-xxsn description: standard din connector date 09/01/2015 page 2 of 4 mechanical drawings material plating earth terminal phosphor bronze tin contact pins (sd-40sn) brass tin contact pins (all other models) brass silver socket case cold rolled steel nickel insulator pbt 0.748 19.0 29.10. 11 .146 0.874 22.2 3.20 .126 (2 plcs) 0.472 12.0 0.551 14.00.1 1.50 .059 15.00 .591 sd-30sn sd-50sn sd-70sn SD-80SN 45 45 45 sd-40sn 1.142 29.0 72 19.30.20 .760 0.008 22.2 0.874 3.20 .126 (2 plcs) 19.30.2 0.7600.008 1.50.1 0.0590.004 1.50 .059 12.00 .472 units: mm[inches] tolerance: 0.2mm
for more information, please visit the product page. ?????????????????? cui .com cui inc series: sd-xxsn description: standard din connector date 09/01/2015 page 3 of 4 sd-60sn 0.748 29.1 1.146 19.0 60 22.2 0.874 3.20 .126 (2 plcs) 1.50 .059 13.1 0.3 [0.516 0.012] 0.012] [0.472 12.00 .3 15.00 .591 mechanical drawings (continued) units: mm[inches] tolerance: 0.2mm
for more information, please visit the product page. ????????? cui inc series: sd-xxsn description: standard din connector date 09/01/2015 page 4 of 4 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 02/23/2006 1.01 new template applied 02/10/2012 1.02 housing dimensions of sd-40sn changed 05/21/2014 1.03 housing dimensions of sd-60sn changed 09/01/2015 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of SD-80SN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X